Part Number Hot Search : 
P1200 RBV604G EWS1212 62CTQ030 9435G BL24C256 99800 P1200
Product Description
Full Text Search
 

To Download MPS6512 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (continued) r0 npn pnp MPS6512 mps6516 mps6513 mps6517 mps6514 mps6518 mps6515 mps6519 complementary silicon transistors jedec to-92 case data shee t description the central semiconductor MPS6512 series (npn) and mp s6516 series (pnp) types are molded epoxy silicon small signal transistors designed for general-purpose amplifier applications. maximum ratings (t a =25c unless otherwise noted) mps6516 MPS6512 mps6514 mps6517 symbol mps6513 mps6515 mps6518 mps6519 units collector-base voltage v cbo 40 40 40 25 v collector-emitter voltage v ceo 30 25 40 25 v emitter-base voltage v ebo 4.0 v collector current i c 100 ma power dissipation p d 625 mw power dissipation (t c =25c) p d 1.5 w operating and storage junction temperature t j ,t stg -65 to +150 c thermal resistance jc 83.3 c/w thermal resistance ja 200 c/w electrical characteristics (t a =25c unless otherwise noted) mps6516 MPS6512 mps6514 mps6517 mps6513 mps6515 mps6518 mps6519 symbol test conditions min max min max min max min max units i cbo v cb =30v 50 50 50 - na i cbo v cb =20v - - - 50 na bv ceo i c =0.5ma 30 25 40 25 v bv ebo i e =10a 4.0 4.0 4.0 4.0 v v ce(sat) i c =50ma, i b =5.0ma 0.5 0.5 0.5 0.5 v c ob v cb =10v, i e =0, f=100khz 3.5 3.5 4.0 4.0 pf MPS6512 mps6513 mps6514 mps6515 mps6516 mps6517 mps6518 mps6519 symbol test conditions min max min max min max min max h fe v ce =10v, i c =2.0ma 50 100 90 180 150 300 250 500 h fe v ce =10v, i c =100ma 30 60 90 150
MPS6512 series (npn) / mps6516 series (pnp) silicon transistor page 2 of 2 to-92 package - mechanical outline r1 g a b f e i h c d 1 2 3 min max min max a (dia) 0.175 0.205 4.45 5.21 b 0.170 0.210 4.32 5.33 c 0.500 - 12.70 - d 0.016 0.022 0.41 0.56 e f g 0.125 0.165 3.18 4.19 h 0.080 0.105 2.03 2.67 i to-92 (rev: r1) lead code 1. emitter 2. base 3. collector 0.015 0.38 dimensions symbol inches millimeters 0.100 2.54 0.050 1.27


▲Up To Search▲   

 
Price & Availability of MPS6512

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X